Part Number Hot Search : 
2KA16 0000X 680MZ LVC1G IC16F AN1293 SD204 C74HC3
Product Description
Full Text Search
 

To Download NDL5531P1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
PHOTO DIODE
NDL5421P Series
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 m InGaAs PIN PHOTO DIODE MODULE
DESCRIPTION
NDL5421P Series is an InGaAs PIN photo diode module with multimode fiber. It is designed for 2.5Gb/s optical fiber communication systems and covers the wavelength range between 1 000 and 1 600 nm with high efficiency.
FEATURES
* Small dark current * High quantum efficiency * Detecting area size * Low operating voltage * Low terminal capacitance * High speed response ID = 0.1 nA
= 86 % @ = 1 300 nm = 75 % @ = 1 550 nm 50 m
VR = 5 V Ct = 0.7 pF @ f = 1.0 MHz, VR = 5 V fC = 2.5 GHz min.
* Coaxial module with multimode fiber (GI-50/125) or optional siglemode fiber (SM-9/125)
PACKAGE DIMENSIONS
in millimeters
*
NDL5421P2
Optical Fiber: GI-50/125 Length: 1 m MIN.
NDL5421P
Optical Fiber: GI-50/125 Length: 1 m MIN. Shrunk tube
NDL5421P1
Optical Fiber: GI-50/125 Length: 1 m MIN. Shrunk tube
Shrunk tube
30.0 MAX.
6.0 +0.0 -0.1
12.5 MIN. 4.00.1
6.90.3
6.90.3
12.5 MIN.
3.90.5
6.0+0.0 -0.1
6.0 +0.0 -0.1
0.45
2-2.2
2.50.1 0.50.1
2-2.5 2 3 1
12.5 MIN.
30.0 MAX.
2.0
12.00.1 16.00.2
2.5
30.0 MAX.
2.5 14.00.1
2.5
2.0
2.0
18.00.1
PIN CONNECTIONS
1 Anode (Negative) 2 Cathode (Positive) 3 Case 3 2 1
The information in this document is subject to change without notice.
Document No. P10262EJ2V0DS00 (2nd edition) Date Published June 1996 P Printed in Japan
The mark * shows major revised points.
4.00.3
2
1
3.00.3
7.00.3 1.5
6.0+0.0 -0.1
3
2
3
1
7.00.15
(c)
1995
NDL5421P Series
*
ORDERING INFORMATION
Part Number NDL5421P NDL5421PC NDL5421PD NDL5421PS NDL5421PSC NDL5421PSD NDL5421P1 NDL5421P1C NDL5421P1D NDL5421P1S NDL5421P1SC NDL5421P1SD NDL5421P2 NDL5421P2C NDL5421P2D NDL5421P2S NDL5421P2SC NDL5421P2SD Available Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector SM-9/125 GI-50/125 Vertical Flange SM-9/125 GI-50/125 Flat Mount Flange SM-9/125 GI-50/125 Description No Flange
ABSOLUTE MAXIMUM RATINGS (TC = 25 C, unless otherwise specified)
Parameter Reverse Voltage Forward Current Optical Input Power Operating Case Temperature Storage Temperature Symbol VR IF Pin TC Tstg Ratings 20 10 8 -40 to +85 -40 to +85 Unit V mA mW C C
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25 C, unless otherwise specified)
Parameter Dark Current Terminal Capacitance Quantum Efficiency Symbol ID Ct VR = 5 V VR = 5 V, f = 1.0 MHz = 1 300 nm = 1 550 nm Responsivity S = 1 300 nm = 1 550 nm Cut-off Frequency fC VR = 5 V, RL = 50 , = 1 300 nm 75 64 0.78 0.80 2.5 Conditions MIN. TYP. 0.1 0.7 86 75 0.89 0.94 GHz A/W MAX. 1.0 0.9 Unit nA pF %
2
NDL5421P Series
TYPICAL CHARACTERISTICS (TC = 25 C, unless otherwise specified)
TEMPERATURE DEPENDENCE OF RESPONSIVITY
10 = 1 300 nm
*
100
80 60 40 20 0 0.9
Responsivity (Relative Value) S/S (%)
WAVELENGTH DEPENDENCE OF QUANTUM EFFICIENCY
Quantum Efficiency (%)
0
1.0
1.1
1.2 1.3 1.4 1.5 Wavelength ( m)
1.6
1.7
-10 -60
-40
40 60 -20 0 20 Case Temperature TC (C)
80
100
REVERSE VOLTAGE DEPENDENCE OF DARK CURRENT
10
10
1
TEMPERATURE DEPENDENCE OF DARK CURRENT
VR = 5 V
Dark Current ID (nA)
10
0
10
-1
TC = 75 C 1.0 50 C
10
-2
Dark Current ID (nA)
10 25 C 0.1 0 C
-3
-60
-40 -20 0 60 20 40 Case Temperature TC (C)
80
100
REVERSE VOLTAGE DEPENDENCE OF TERMINAL CAPACITANCE
2 f = 1.0 MHz
-25 C 0.01
Terminal Capacitance Ct (pF)
20
1
0.5
0.001 0
10 Reverse Voltage VR (V)
0.3 0.1 0.3 1 3 Reverse Voltage VR (V) 10
3
NDL5421P Series
FREQUENCY RESPONSE
12 9 6
Response (dB)
= 1 300 nm
VR = 5 V
Pin = -10 dBm RL = 50
3 0 -3 -6 -9 -12 -15 0 2.5 Frequency f (GHz) 5.0
4
NDL5421P Series
HANDLING PRECAUTION for PD/APD MODULE
The NEC PD/PAD module has heat shrink tubing to protect the ferrule edge (*1) and the junction between the ferrule and the module body (*2). In order to avoid breaking the fiber and/or optical coupling degradation, NEC recommends the following handling precautions. 1. Do not make the fiber bend radius less than 30 mm (*3). 2. Do not bend the fiber within the 18 mm section from the module body (*4). 3. Do not stress the ferrule with a lateral force exceeding 500 g (*5).
30
fiber
m m m in (*3 )
(*1)
18 mm min. (*4)
ferrule (*5)
(*2)
module body
5
NDL5421P Series
*
InGaAs APD/PD FAMILY
Features APD PIN-PD
30 m
Packages TO-18 type Can TO-18 type Can with Micro Lens Small Can NDL5531 (for 2.5 Gb/s) NDL5530
50 m
(for 2.5 Gb/s)
50 m
80 m
50 m
(for 2.5 Gb/s)
80 m
Remarks
NDL5500
NDL5510 NDL5490L
*3,4
3 pins NDL5405L 3 pins
NDL5490
*3,4
5.6 m
Chip on Carrier Receptacle Module NDL5530C NDL5520C NDL5500C NDL5510C NDL5471RC NDL5471RD 3 pins RC: FC receptacle RD: SC receptacle Coaxial Module with MMF NDL5521P NDL5521P1 NDL5521P2 NDL5551P NDL5551P1 NDL5551P2 NDL5553P
*1 *1 *1
NDL5561P
*2 *2 *2
NDL5421P NDL5421P1 NDL5421P2
NDL5461P NDL5461P1 NDL5461P2
P1, P2: With flange NDL5590P Series: With Pre-AMP
NDL5561P1 NDL5561P2
NDL5553P1 NDL5553P2 NDL5590P NDL5590P1 NDL5590P2 Coaxial Module with SMF NDL5531P NDL5531P1 NDL5531P2 14-pin DIP Module with TEC 6-pin BFY Module with MMF NDL5522P
NDL5553PS
*1 *1 *1
NDL5481P
*5 *5 *5
NDL5553P1S NDL5553P2S NDL5506P NDL5506PS
NDL5481P1 NDL5481P2
T = 45 K (@ Ic = 1.1 A)
PS: With SMF NDL5422P With Pre-AMP
*1 *2 *3 *4 *5
For OTDR With GI-62.5/125 Under development Internal pre-amplifier for 1Gb/s For analog application (optical CATV) Modules are available with FC-PC connector or optional SC-PC connector.
Remark
6
NDL5421P Series
REFERENCE
Document Name NEC semiconductor device reliability/quality control system Quality grade on NEC semiconductor devices Semiconductor device mounting technology manual Guide to quality assurance for semiconductor devices Semiconductor selection guide Document No. LEI-1201 IEI-1209 C10535E MEI-1202 X10679E
7
NDL5421P Series
CAUTION
Within this device there exists GaAs (Gallium Arsenide) material which is a harmful substance if ingested. Please do not under any circumstances break the hermetic seal.
The export of this product from Japan is prohibited without governmental license. To export or re-export this product from a country other than Japan may also be prohibited without a license from that country. Please call an NEC sales representative.
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96. 5


▲Up To Search▲   

 
Price & Availability of NDL5531P1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X